Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 33Page - STMicroelectronics AN2476 Datasheet HTML 34Page - STMicroelectronics AN2476 Datasheet HTML 35Page - STMicroelectronics AN2476 Datasheet HTML 36Page - STMicroelectronics AN2476 Datasheet HTML 37Page - STMicroelectronics AN2476 Datasheet HTML 38Page - STMicroelectronics AN2476 Datasheet HTML 39Page - STMicroelectronics AN2476 Datasheet HTML 40Page - STMicroelectronics AN2476 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
AN2476
Operating measurements
37/49
Table 11.
Other pin connections
Figure 13.
Main Clock circuit
Figure 14.
Real time clock circuit
Signal Name
Pin
Connection
RESET_IN
59
RESET J8
X1, X2 MCU
46,47
4MHz quartz with two capacitor 22pF to GND see Figure5.
X1, X2 RTC
56,57
32KHz quartz with two capacitor 22pFto GND, see Figure6.
C2
C3
5pF-25pF
Q1 4MHz
Pin46
Pin47
5pF-25pF
C4
C5
22pF-46nF
Q2 32KHz
Pin56
Pin57
22pF-46nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com