Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 6Page - STMicroelectronics AN2476 Datasheet HTML 7Page - STMicroelectronics AN2476 Datasheet HTML 8Page - STMicroelectronics AN2476 Datasheet HTML 9Page - STMicroelectronics AN2476 Datasheet HTML 10Page - STMicroelectronics AN2476 Datasheet HTML 11Page - STMicroelectronics AN2476 Datasheet HTML 12Page - STMicroelectronics AN2476 Datasheet HTML 13Page - STMicroelectronics AN2476 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Power supply and clocks
AN2476
10/49
1.4
Main voltage regulator
In power scheme 1 or 3 (see Section 1.3: Power supply schemes on page 5) the Main
Voltage Regulator provides the 1.8V power supply starting from VDD_IO. The V18REG pin
must be connected to external stabilization capacitors (min. 10 uF Tantalum, low series
resistance, and 33nF ceramic). The V18 pin must be left unconnected. A decoupling
capacitor of 1µF must be added on the VDD_IO pin which is closest to the V18REG pin. Refer
to the diagram in the application note, AN2419, STR75x hardware development getting
started.
1.5
Low power voltage regulator
In power scheme 1 or 3 (see Section 1.3: Power supply schemes on page 5) the Low Power
Voltage Regulator is used in STANDBY Mode and in STOP Mode (when MVREG is OFF in
STOP mode).
The V18_BKP pin must be connected to an external stabilization capacitor of 1µF. It
generates a non-stabilized and non-thermally-compensated voltage of approximately 1.4V.
The output current is enough to power the backup circuitry (RTC and Wakeup Logic) or the
VCORE supply required for the kernel logic in STOP mode (with the low power control
parameters FLASH and OSC4M OFF, see Section 1.8.5: STOP mode on page 18).
●
In STANDBY mode, it provides the power supply starting from VDD_IO to the backup
circuitry while the Kernel Logic is un-powered.
●
In STOP mode, if you program the LP_PARAM13 control bit (MVREG OFF) to disable
the Main Voltage Regulator, the Low Power Voltage Regulator powers the whole digital
circuitry, saving the static consumption of the Main Voltage Regulator (~100µA typical).
1.6
Regulator startup monitor (RSM)
The Main Voltage Regulator and the Low Power Voltage Regulator have an internal
Regulator Startup Monitor (RSM) which monitors the regulated power supply.
At power-up, the RSM extends the assertion of the RESET until the regulators are operating
(until V18_BKP and V18 are at the right level).
If there is a drop in the regulated power supply, the RSM automatically generates a RESET.
This enhances the security of the system by preventing the MCU from going into an
unpredictable state.
Note:
An external reset circuit must be used to provide the RESET at VDD_IO power-up. It is not
sufficient to rely on the RESET generated by the RSM in this case. This is because RSM
operation is guaranteed only when VDD_IO is within the specification (minimum 3.0V).
When regulators are not used (VREG_DIS pin is tied to high level), the RSM is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com