Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 29Page - STMicroelectronics AN2476 Datasheet HTML 30Page - STMicroelectronics AN2476 Datasheet HTML 31Page - STMicroelectronics AN2476 Datasheet HTML 32Page - STMicroelectronics AN2476 Datasheet HTML 33Page - STMicroelectronics AN2476 Datasheet HTML 34Page - STMicroelectronics AN2476 Datasheet HTML 35Page - STMicroelectronics AN2476 Datasheet HTML 36Page - STMicroelectronics AN2476 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
AN2476
Operating measurements
33/49
3
Operating measurements
3.1
Setup board
The STR750 evaluation board (order code STR750-EVAL) and Uniboard (order code UB-
QFP100-1414O/ ) are available for evaluation and testing purposes. Contact your local ST
sales office for further details.
3.1.1
Measurement with STR750_EVAL Board
Before starting the measurements, the potentiometer RV2 should be removed from the
boards MB469 and MB469 rev. B.
For correct usage instructions, refer to the User Manual STR750_EVAL Board, UM0268.
With this board measurements can only be made at 3.3V (Single supply) or 3.3V and 1.8V
(Dual supply).
Consumption measurements
●
In Single Supply: measurements can be made by replacing JP3 by an ampermeter.
JP4, JP5, JP6 and JP13 must not be fitted.
●
In Dual Supply: measurements can be made by replacing JP3 by an ampermeter,
setting jumper JP4, and replacing JP5 and JP6 by an ampermeter to measure the
consumption on V18BKP and V18 respectively. JP13 must not be fitted.
●
Caution: the standby mode is not available in dual supply.
Wake-up time measurements
●
Definition:
Two wake-up time measurements can be made. The STR75x can be restarted either
from the low-power mode on the internal free oscillator (FREEOSC ) or on the main
oscillator, restarting it if necessary (OSC4M PLL).
–
FREEOSC: Time between wake-up trigger event and the first fetched instruction
by the core.
–
OSC4M PLL: Time between the wake-up trigger event and the execution of the
instruction once the clock has been started by either the library function or in the
interrupt handler routine.
●
Measurement: Place the oscilloscope on:
–
Pins P1.15 (WKP_STDBY pin) and P0.16 to measure the wake-up-time in a
FREEOSC configuration. This time is measured between the rising edge on P1.15
and a falling edge on P0.16.
–
Pins P1.15 (WKP_STDBY pin) and P2.18 to measure the wake-up-time in a
OSC4M PLL configuration. This time is measured between the rising edge on
P1.15 and a falling edge on P2.18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com