| Electronic Components Datasheet Search |
|
AN2645 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2645 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 36 page ![]() March 2009 Rev 1 1/36 AN2645 Application note Migration and compatibility guidelines for STM8S microcontroller applications Introduction For designers of STM8S microcontroller applications, it’s important to be able to easily replace one microcontroller type by another one in the same product family. Migrating an application to a different microcontroller is often needed, when product requirements grow, putting extra demands on memory size, or increasing the number of I/Os. On the other hand, cost reduction objectives may force you to switch to smaller components and shrink the PCB area. This application note is written to help you and analyze the steps you need to migrate from an existing STM8S-based design to any one of the 20+ other microcontroller types in the fast-growing STM8S family. To save your time, this application note groups together all the most important information and lists the vital aspects that you need to address. All the information included here can also be extremely worthwhile in your first STM8 design, not immediately concerned by a migration project. Studying the issues now will help you tackle any future requirement by designing for compatibility from the beginning. To use this application note fully, general STM8S knowledge is required, you can learn it from the STM8S family reference manual (RM0016), the STM8S datasheets, and the STM8S Flash program memory / data EEPROM programming manual (PM0051). This document is divided into three main sections: ● Section 1: STM8S family compatibility: This section presents a first level view of the different aspects of the STM8S family architecture that are important to consider when planning a new design or migrating. The microcontroller blocks and peripherals are grouped and identified either as compatible or compatible with minor limitations. ● Section 2: Planning for migration: This section gives an overview of common migration cases. It provides a checklist of items which are potentially impacted by each case to allow you to quickly analyze which subjects you need to anticipate. ● Section 3: Block-by-block compatibility: This section lists all the topics for each block, focussing on the compatibility aspects in more detail. www.st.com |
Similar Part No. - AN2645 |
|
Similar Description - AN2645 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |