Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2645 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 8Page - STMicroelectronics AN2645 Datasheet HTML 9Page - STMicroelectronics AN2645 Datasheet HTML 10Page - STMicroelectronics AN2645 Datasheet HTML 11Page - STMicroelectronics AN2645 Datasheet HTML 12Page - STMicroelectronics AN2645 Datasheet HTML 13Page - STMicroelectronics AN2645 Datasheet HTML 14Page - STMicroelectronics AN2645 Datasheet HTML 15Page - STMicroelectronics AN2645 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Block-by-block compatibility analysis
AN2645
12/36
3
Block-by-block compatibility analysis
3.1
Package pinout
Migration within the STM8S implies small changes in the pin layout and related changes in
the device functionality. The migration requirements are analyzed here under two main
aspects, depending on whether the migration is horizontal or vertical in Table 2: Overview of
packages in each sub-family.
●
Vertical moves are described in Section 3.1.1 and represent migration from one sub-
family to another. No package change is assumed at this point.
●
Horizontal moves are detailed in Section 3.1.2 which covers migration between
different packages inside the same sub-family.
The same syntax as in the STM8S datasheets is used here:
pin name (pin type) / alternate functions [optional functions]
Functions affected by migration are printed in bold.
Special groups of pins like power supply, alternate and optional outputs or system pins are
discussed separately.
See also Figure 2: STM8S pinout compatibility guide from 80-pin to 20-pin packages on
page 19.
Table 2.
Overview of packages in each sub-family
Pin-count
80-pin
(xxxM)
64-pin
(xxxR)
48-pin
(xxxC)
44-pin
(xxxS)
32-pin
(xxxK)
20-pin
(xxxF)
STM8S208x
LQFP
LQFP
STM8S207x
LQFP
LQFP
LQFP
LQFP
LQFP
STM8S105x
LQFP
LQFP
LQFP
VFQFN
STM8S103x
LQFP
VFQFN
TSSOP
WFQFPN
STM8S903x
LQFP
VFQFPN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com