Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2645 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 16Page - STMicroelectronics AN2645 Datasheet HTML 17Page - STMicroelectronics AN2645 Datasheet HTML 18Page - STMicroelectronics AN2645 Datasheet HTML 19Page - STMicroelectronics AN2645 Datasheet HTML 20Page - STMicroelectronics AN2645 Datasheet HTML 21Page - STMicroelectronics AN2645 Datasheet HTML 22Page - STMicroelectronics AN2645 Datasheet HTML 23Page - STMicroelectronics AN2645 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Block-by-block compatibility analysis
AN2645
20/36
3.1.4
Digital power supply and package pinout
The digital power supply design includes two supply sources. The purpose is to distribute
the current flowing through the I/O logic separately from the rest of the digital microcontroller
circuits. Up to two VDDIO / VSSIO pin pairs are used as well as the main VDD / VSS digital
supply pair, depending on the pin-count:
●
Both VDDIO pairs are present in all larger packages, from the 80-pin package down to
the 44 pin package.
●
The 32-pin package has only one VDDIO pin for supplying power to the I/Os in the
STM8S207x and STM8S105x sub-families.
●
The STM8S103x and STM8S903x sub-families have no particular pins dedicated to
supplying I/Os. All their I/Os are supplied by the main VDD/VSS pin pair.
The total output current is limited by the number of supply pins. The total output current
capability declines for smaller packages, regardless of the number of I/Os with high-sink
capability.
The VCAP pin for connecting the external decoupling capacitor for the internal 1.8V regulator
is present on all packages.
3.1.5
ADC power supply and voltage reference in package pinout
The analog power supply design includes an extra power supply for the analog parts of the
microcontroller and an external reference voltage connected via an extra pin pair.
●
The VDDA/VSSA analog supply pin pair is present on all larger packages, from the 80-
pin package down to the 32-pin package, except in the STM8S103x and STM8S903x
sub-families.
●
The STM8S103x and STM8S903x sub-families take the analog supply from the main
digital supply VDD/VSS pin pair.
●
The external ADC voltage reference pair VREF+/VREF- is present in the 80 and 64 pin
packages used by the Performance line family only. Without these pins, it is not
possible to use the ADC zooming function feature (see Section 3.4: Analog-to-digital
converter for more details).
●
For the rest of the family the ADC reference is taken from the main analog supply VDDA.
Table 16.
Overview of power supply pins used in all packages
STM8S
LQFP80
(xxxM)
LQFP64
(xxxR)
LQFP48
(xxxC)
LQFP44
(xxxS)
LQFP32
(xxxK)
LQFP20
(xxxF)
VDD / VSS / VCAP
••
••
•
•
VDDIO1 / VSSIO1
VDDIO2 / VSSIO2
••
••
•(1)
1.
The 32-pin package has an incomplete I/O supply pair consisting of a single VDDIO pin. This pin is not
available for STM8S103x & STM8S903x sub-family devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com