Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2645 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 24Page - STMicroelectronics AN2645 Datasheet HTML 25Page - STMicroelectronics AN2645 Datasheet HTML 26Page - STMicroelectronics AN2645 Datasheet HTML 27Page - STMicroelectronics AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics AN2645 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Block-by-block compatibility analysis
AN2645
28/36
3.5
Communication peripherals
3.5.1
SPI
This peripheral is present in all STM8S sub-families. The only difference is the maximum
communication speed:
●
8 Mbit/s (fMASTER/2) in Access line
●
10 Mbit/s in Performance line.
3.5.2
I2C
This peripheral is present in all STM8S sub-families. If true open drain lines are required,
you have to take this into account when selecting the I/O pins to use for I2C. In the default
mapping, the SDA & SCL alternate functions are generally mapped to pins with true open
drain capability. This is not the case when the SDA & SCL function are remapped to other
pins.
I/Os with true open drain capability are available for I2C in all STM8S with one important
exception mentioned in the note below.
Note:
STM8S105x 32-pin devices do not have true open drain I/Os available for I2C. The I/Os
where the I2C functions can be mapped are configurable as pseudo open drain only.
3.5.3
CAN
The CAN peripheral present only in the STM8S208x sub-family. When migrating within this
sub-family there are no compatibility concerns for this block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com