Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2645 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 18Page - STMicroelectronics AN2645 Datasheet HTML 19Page - STMicroelectronics AN2645 Datasheet HTML 20Page - STMicroelectronics AN2645 Datasheet HTML 21Page - STMicroelectronics AN2645 Datasheet HTML 22Page - STMicroelectronics AN2645 Datasheet HTML 23Page - STMicroelectronics AN2645 Datasheet HTML 24Page - STMicroelectronics AN2645 Datasheet HTML 25Page - STMicroelectronics AN2645 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Block-by-block compatibility analysis
AN2645
22/36
3.1.6
Alternate functions and package pinout
The main purpose of the alternate feature concept is to keep the microcontroller
configurable for different user and application needs. This is especially important and useful
in low pin-count packages.
Default alternate functions can be enabled on dedicated pins by settings in the peripheral
registers. A large number alternate functions can be remapped to other pins by
programming the option bytes in data EEPROM memory. So many functions that would
otherwise be lost by migrating to a smaller package size are preserved by remapping
alternate functions to the remaining pins.
The pin layout remapping is controlled by setting the AFRi bits in option byte OPT2. There
are differences in the settings between STM8S sub-families. In the STM8S103x sub-family
there are even differences in the settings between the pin-counts used. In this sub-family
some AFR bits have different meanings for "K" and "F" packages. Refer to the relevant
datasheet to check the correct control and all the differences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com