Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2645 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 7Page - STMicroelectronics AN2645 Datasheet HTML 8Page - STMicroelectronics AN2645 Datasheet HTML 9Page - STMicroelectronics AN2645 Datasheet HTML 10Page - STMicroelectronics AN2645 Datasheet HTML 11Page - STMicroelectronics AN2645 Datasheet HTML 12Page - STMicroelectronics AN2645 Datasheet HTML 13Page - STMicroelectronics AN2645 Datasheet HTML 14Page - STMicroelectronics AN2645 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AN2645
Planning for migration
11/36
Table 1.
STM8S family compatibility quick reference table
Pin-count
80-pin
64-pin
48-pin
44-pin
32-pin
20-pin
GPIO (PH,PI)
TIM1 (CH1-3N)
ADC (ETR)
CAN
No feature added
GPIO (PH,PI)
TIM1 (CH1-3N)
ADC (ETR)
GPIO
(PF,PG)
ADC
(AIN10-15)
ADC VRef
GPIO
ADC (AIN8)
TIM1
I/O Supply
ADC
UART
I2C
ADC2
HSE 24 MHz
HSI calibrated +/-2%
UART1 & UART3 SPI 10 Mbit
ADC1
HSE 16 MHz
HSI calibrated +/-1%
UART2
SPI 8 Mbit
ADC
TIMERS
I/O supply
ADC
I2C
ADC supply
ADC inputs
I/O supply UART2
TIM3 IO
Boot ROM
RWW
GPIO
UART1 True open drain at I2C
ADC
TIMERS
SPI
UART
GPIO TIM2 TIM4
ADC inputs Internal ref. TIM5 TIM6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com