Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2710 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 2Page - STMicroelectronics AN2710 Datasheet HTML 3Page - STMicroelectronics AN2710 Datasheet HTML 4Page - STMicroelectronics AN2710 Datasheet HTML 5Page - STMicroelectronics AN2710 Datasheet HTML 6Page - STMicroelectronics AN2710 Datasheet HTML 7Page - STMicroelectronics AN2710 Datasheet HTML 8Page - STMicroelectronics AN2710 Datasheet HTML 9Page - STMicroelectronics AN2710 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
STR71x & STR73x I/O ports
AN2710
6/30
1
STR71x & STR73x I/O ports
1.1
Functional description
Each of the general purpose I/O ports has three 16-bit Configuration registers (PC0, PC1,
PC2) and one 16-bit Data register (PD).
Subject to the specific hardware characteristics of each I/O port listed in the “Pin
description” table provided in the relevant STR7x datasheet, each port bit can be individually
configured as an input, output, alternate function, etc.
Each I/O port bit is freely programmable, however the I/O port registers have to be accessed
as 16-bit words. 32-bit or byte access is not allowed.
Figure 1 shows the basic structure of an I/O port bit.
Figure 1.
Basic structure of an I/O port bit
I/O pin
Analog input
Alternate function (OUT)
Alternate function (IN)
Push-pull
Tristate
Open drain
Weak push-p ull
TTL
CMOS
To on-chip peripheral
Read/Write
From on-chip peripheral
ai14915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com