Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2710 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 4Page - STMicroelectronics AN2710 Datasheet HTML 5Page - STMicroelectronics AN2710 Datasheet HTML 6Page - STMicroelectronics AN2710 Datasheet HTML 7Page - STMicroelectronics AN2710 Datasheet HTML 8Page - STMicroelectronics AN2710 Datasheet HTML 9Page - STMicroelectronics AN2710 Datasheet HTML 10Page - STMicroelectronics AN2710 Datasheet HTML 11Page - STMicroelectronics AN2710 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
STR71x & STR73x I/O ports
AN2710
8/30
1.2.1
Alternate function I/O (AF)
The alternate functions for each pin are listed in the datasheet. Configuring a port bit as
alternate function will disconnect the output latch and connect the pin to the output signal of
an on-chip peripheral.
●
For alternate function inputs, the port must be configured in Input mode and the input
pin must be driven externally.
Note:
It is also possible to emulate the AFI input pin by firmware by programming the GPIO
controller. In this case, the port should be configured in Alternate Function Output mode.
And obviously, the corresponding port should not be driven externally as it will be driven by
the firmware using the GPIO controller.
●
For AF output or input-output, the port bit must be in AF configuration.
External interrupts/wakeup lines
Some ports have external interrupt capability (see datasheet). To use external interrupts, the
port must be configured in input mode. For more information on interrupts and wakeup lines,
refer to the reference manual.
1.2.2
Input configuration
When the I/O port is programmed as Input:
●
The output buffer is forced tristate
●
The data present on the I/O pin are sampled into the input latch with every clock cycle
●
A read access to the Data register gets the value in the input latch.
Figure 2 shows the input configuration of the I/O port bit.
Figure 2.
Input configuration
1.
For STR73x only.
I/O pin
Analog input
Alternate function (OUT)
Alternate function (IN)
Tristate
TTL
CMOS(1)
ai14916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com