| Electronic Components Datasheet Search |
|
AN2710 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2710 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 30 page ![]() AN2710 STR75x general-purpose I/O ports (GPIO) 17/30 2.1.5 Alternate function configuration When the I/O port is programmed as an alternate function: ● The output buffer is turned on in open drain or push-pull configuration ● The output buffer is driven by the signal coming from the peripheral (alternate function out) ● The Schmitt trigger input is activated ● The analog switch is disabled ● The weak pull-up and pull-down resistors are disabled ● The data present on the I/O pin are sampled into the input latch with every APB clock cycle ● A read access to the I/O Data register gets: – the output latch value in Push-Pull mode (which corresponds to the last data written) – the input latch value in Open-Drain mode Figure 10 shows the alternate function configuration of the I/O port bit. Figure 10. Alternate function configuration 2.1.6 Analog input configuration When the I/O port is programmed as an analog input: ● The output buffer is disabled ● The Schmitt trigger input is de-activated, providing zero consumption for every analog value of the I/O pin. The output of the Schmitt trigger is forced to a constant value (0). ● The weak pull-up and pull-down resistors are disabled ● The analog switch is enabled by the ADC each time a conversion is in progress ● Read access to the I/O Data register gets the input latch value (0) Figure 11 shows the high impedance-analog input configuration of the I/O port bit. Alternate Function Output Alternate Function Input Push-pull or open-drain Read/write From on-chip peripheral To on-chip peripheral Output control I/O pin VDD_IO VSS TTL Schmitt trigger VSS VDD_IO Protection diode Protection diode ON Input driver Output driver P-MOS N-MOS ai14925 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |