Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2710 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 9Page - STMicroelectronics AN2710 Datasheet HTML 10Page - STMicroelectronics AN2710 Datasheet HTML 11Page - STMicroelectronics AN2710 Datasheet HTML 12Page - STMicroelectronics AN2710 Datasheet HTML 13Page - STMicroelectronics AN2710 Datasheet HTML 14Page - STMicroelectronics AN2710 Datasheet HTML 15Page - STMicroelectronics AN2710 Datasheet HTML 16Page - STMicroelectronics AN2710 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN2710
STR75x general-purpose I/O ports (GPIO)
13/30
2.1.1
General purpose I/O (GPIO)
During and just after reset the alternate functions are not active and the I/O ports are
configured in Input Floating mode (PxC2=0, PxC1=0, PxC0=1).
When configured as output, the value written to the I/O Data register is loaded into the
output latch. The output latch holds the data to be output. It is possible to use the output
driver in Push-Pull or Open-Drain mode (only the N-MOS is activated when outputting 0).
The input latch captures the data present on the I/O pin at every APB clock cycle.
A read access to the I/O Data register reads the input latch or the output latch depending on
whether the port bit is configured as input or output Open-Drain or Push-Pull.
All GPIO pins features weak internal pull-up and pull-down resistors which can or not be
activated when configured as inputs.
In all low-power modes, except for the Standby mode, GPIO states are preserved. In
Standby mode, all GPIOs are put in high impedance with the exception of the WKP_STDBY
pin which is kept in input mode.
Note:
Care must be taken when configuring an I/O port from one mode to another, because an
unexpected intermediate state could disturb the application. Program the registers using
only intermediate states that do not disturb your application. For instance, it is important to
know that in "analog input" mode, the Schmitt trigger output is forced to '0'.
2.1.2
Alternate functions (AF)
It is necessary to program the Port Bit Configuration Register before using a default
alternate function.
●
For alternate function inputs, the port must be configured in Input mode (floating, pull-
up or pull-down) and the input pin must be driven externally
Note:
It is also possible to emulate the AFI input pin by firmware by programming the GPIO
controller. In this case, the port should be configured in Alternate Function Output mode.
Table 3.
STR75x Port bit configuration table
Configuration mode
Input buffer
PxD Register
PxC2
Register
PxC1
Register
PxC0
Register
Read
access
Write
access
Input
Input floating (reset state)
Input floating
I/O pin
don’t care
0
0
1
Input floating
Input Floating
I/O pin
don’t care
0
1
0
Input pull-down
TTL Pull-Down
I/O pin
0
0
1
1
Input pull-up
TTL Pull-Up
I/O pin
1
0
1
1
Analog input
AIN
0
don’t care
0
0
0
Output
Output open-drain
TTL floating
I/O pin
0 or 1
1
0
0
Output push-pull
not used
last value
written
0 or 1
1
0
1
Alternate function open-drain
TTL floating
I/O pin
don’t care
1
1
0
Alternate function push-pull
TTL floating
I/O pin
don’t care
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com