| Electronic Components Datasheet Search |
|
AN2710 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2710 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 30 page ![]() STR71x & STR73x I/O ports AN2710 10/30 Figure 4. Output configuration 1.2.5 Alternate function configuration When the I/O port is programmed as alternate function: ● The output buffer is turned on in open drain or push-pull configuration ● The output buffer is driven by the signal coming from the peripheral (alternate function out) ● The data present on the I/O pin are sampled into the input latch with every clock cycle ● A read access to the Data register gets the value in the Input Latch. Figure 5 shows the Alternate function configuration of the I/O port bit. Figure 5. Alternate function configuration I/O pin Analog input Alternate function (OUT) Alternate function (IN) Open drain Push-pull ai14918 I/O pin Analog input Alternate function (OUT) Alternate function (IN) Open drain Push-pull ai14919 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |