Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 2Page - STMicroelectronics AN2972 Datasheet HTML 3Page - STMicroelectronics AN2972 Datasheet HTML 4Page - STMicroelectronics AN2972 Datasheet HTML 5Page - STMicroelectronics AN2972 Datasheet HTML 6Page - STMicroelectronics AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics AN2972 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Basic principles and equations
AN2972
6/25
Doc ID 15629 Rev 6
1
Basic principles and equations
Definition
RFID reader: an electronic device used for communication between RFID tags (like the
M24LRxx) and a host computer system. A reader generally consists of an RF transmitter
and receiver and an antenna for communicating with tags. A digital interface enables the
reader to communicate with the host computer system. RFID readers are capable of both
reading and writing the tags.
1.1
Passive RFID technology
The ISO 15693 protocol is based on a passive RFID technology, operating in the high-
frequency (HF) band, at 13.56 MHz.
Power transfer
When the M24LRxx operates in the RF mode, it is powered by the RFID reader. No battery
is then required to access it whether in write or read mode. With its external inductive
antenna, the M24LRxx draws all of its operating power from the reader’s electromagnetic
field.
The RFID reader plays the same role as the primary of a voltage transformer that powers
the secondary (in this case, the M24LRxx and its inductive antenna). The energy transfer
ratio from the reader to the M24LRxx is similar to the coupling factor of a voltage
transformer. It is a function of:
●
how well the M24LRxx and its antenna are tuned to the reader’s carrier frequency
(around 13.56 MHz)
●
the distance between the reader and the M24LRxx board
●
the dimensions of the reader antenna and the M24LRxx board
●
the reader power
●
the M24LRxx antenna orientation with regards to the reader antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com