Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 16Page - STMicroelectronics AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics AN2972 Datasheet HTML 22Page - STMicroelectronics AN2972 Datasheet HTML 23Page - STMicroelectronics AN2972 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
How to check the M24LRxx antenna tuning
AN2972
20/25
Doc ID 15629 Rev 6
Figure 22. Setting up the standard laboratory equipment
Experiments
Set the signal generator to output a sine wave with a peak-to-peak amplitude in the range of
200 mV. Starting from 5 MHz, increase the signal generator frequency until you reach the
maximum amplitude of the signal measured with the oscilloscope. The signal generator
frequency then corresponds to the resonant frequency of the [antenna+M24LRxx] pair.
Figure 23 provides the frequency response curve of the prototype antenna, based on
measurements of the received signal amplitude at different frequencies.
Figure 23. Example of a frequency response measurement of a prototype antenna
Synchronization frequency
Prototype antenna to be measured
Loop antennas
ai16085
Signal generator
Oscilloscope
12
12.5
13
13.5
14
14.5
15
Frequency (MHz)
Resonant frequency = 13.56 MHz
Voltage on
the second
ISO 10373-7
antenna
ai17300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com