Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 15Page - STMicroelectronics AN2972 Datasheet HTML 16Page - STMicroelectronics AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics AN2972 Datasheet HTML 22Page - STMicroelectronics AN2972 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AN2972
How to check the M24LRxx antenna tuning
Doc ID 15629 Rev 6
19/25
Figure 20. Example of the resonant frequency response of a prototype antenna
3.2
Antenna measurements with standard laboratory tools
The antenna resonant frequency can also be measured with standard laboratory equipment
like:
●
a signal generator
●
an oscilloscope
●
two standard loop antennas
Experiment setup
Connect the first ISO 10373-7 standard loop antenna (see Figure 21) to the signal generator
to provide the RF electromagnetic field.
Connect the second ISO 10373-7 standard loop antenna to the oscilloscope (see Figure 22)
by using either a standard oscilloscope probe (1M or 10M input impedance) or a 50
Ω BNC
cable (oscilloscope input set to 50
Ω in this case).
Place the [antenna+M24LRxx] inside the RF electromagnetic field.
Figure 21. ISO standard loop antenna
S11 Log
magnitude
(dB)
ai17199
12
12.5
13
13.5
14
14.5
15
13.56 MHz
Frequency (MHz)
Resonant frequency (13.56 MHz)
i15819
ISO/IEC 7810 ID-1 outline
connections
72 mm × 42 mm coil
1 turn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com