Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics AN2972 Datasheet HTML 10Page - STMicroelectronics AN2972 Datasheet HTML 11Page - STMicroelectronics AN2972 Datasheet HTML 12Page - STMicroelectronics AN2972 Datasheet HTML 13Page - STMicroelectronics AN2972 Datasheet HTML 14Page - STMicroelectronics AN2972 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN2972
How to design an antenna on a PCB
Doc ID 15629 Rev 6
11/25
2
How to design an antenna on a PCB
Designing an inductive antenna is about impedance matching. The antenna impedance
must match the conjugated impedance of the M24LRxx in order to obtain the needed tuning
frequency.
A 13.56 MHz antenna can be designed with different shapes, depending on the application
requirements. As explained previously, the major parameter is the inductance L of the
antenna. The following paragraphs offer a way of computing the antenna dimensions for a
determined value of inductance L.
2.1
Inductance of a circular antenna
, where:
●
r is the radius in millimeters
●
r0 is the wire diameter in millimeters
●
N is the number of turns
●
µ0 = 4π · 10
–7 H/m
●
L is measured in Henry
2.2
Inductance of a spiral antenna
, where:
●
d is the mean antenna diameter in millimeters
●
c is the thickness of the winding in microns
●
N is the number of turns
●
µ0 = 4π · 10
–7 H/m
●
L is measured in Henry
Figure 9.
Spiral antenna
L
ant
μ
0
N
1.9
r
×
r
r
0
----


ln
×
×
=
L
ant
31.33
μ
0
×
N
2
×
d
8d
11c
+
-----------------------
×
=
ai15812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com