Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 4Page - STMicroelectronics AN2972 Datasheet HTML 5Page - STMicroelectronics AN2972 Datasheet HTML 6Page - STMicroelectronics AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics AN2972 Datasheet HTML 10Page - STMicroelectronics AN2972 Datasheet HTML 11Page - STMicroelectronics AN2972 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Basic principles and equations
AN2972
8/25
Doc ID 15629 Rev 6
Data transfer
Placed in the RFID reader’s electromagnetic field, the M24LRxx built-in circuitry
demodulates the information coming from the reader.
Figure 5.
From the RFID reader to the M24LRxx
In order to send its response back to the reader, the M24LRxx backscatters the data to the
reader by internally changing its output impedance back and forth, which is detected by the
reader.
Figure 6.
From the M24LRxx to the RFID reader
All this is part of the standard protocol and taken care of by the M24LRxx embedded
circuitry and the RFID reader’s electronics.
The main thing designers need to concentrate on is designing the M24LRxx antenna that
meets the application requirements in terms of read range and antenna size.
1.2
Simplified equivalent inlay circuit
The chip and its antenna can be symbolized using their equivalent electrical circuit.
Figure 7 shows the equivalent electrical circuit of the M24LRxx (parallel association of a
resistance which emulates the current consumption of the chip and a capacitance added to
the chip to ease tuning).
Reader antenna
M24LRxx
external
antenna
M24LRxx
00
1
1
00
1
1
RFID reader
ai17181c
ai17182c
Reader antenna
M24LRxx
external
antenna
Tag
20 mV
24 V
R
0
1
1
0
RFID Reader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com