Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2972 Datasheet HTML 1Page - STMicroelectronics AN2972 Datasheet HTML 2Page - STMicroelectronics AN2972 Datasheet HTML 3Page - STMicroelectronics AN2972 Datasheet HTML 4Page - STMicroelectronics AN2972 Datasheet HTML 5Page - STMicroelectronics AN2972 Datasheet HTML 6Page - STMicroelectronics AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
December 2012
Doc ID 15629 Rev 6
1/25
AN2972
Application note
Designing an antenna for the M24LRxx-R and M24LRxxE-R
dual interface I²C/RFID devices
Introduction
The M24LRxx-R or M24LRxxE-R device is an EEPROM designed for access via two
different interfaces: a wired I2C interface and a standard contactless ISO 15693 RFID
interface.
Figure 1.
Dual interface EEPROM
Both interfaces are widely used industry standards. The M24LRxx-R or M24LRxxE-R can
be integrated into almost any electronic application, provided that the processor offers an
I2C interface. It may also be accessed by any RFID reader that supports the ISO 15693
interface.
The purpose of this application note is also to:
●
explain the basic principle of passive RFID
●
describe the basics of a 13.56 MHz inductive antenna design
●
provide some guidelines for a successful integration, from design to production.
Table 1 lists the products concerned by this application note.
Note:
The standard M24LRxx-R and energy-harvesting M24LRxxE-R devices will be referred to
as M24LRxx devices throughout the document.
Table 1.
Applicable products
Type
Applicable products
Dual interface EEPROMs
M24LRxx-R, M24LRxxE-R
Evaluation boards
ANTx-M24LRxxx, M24LR-Discovery, ROBOT-M24LR16E-A
STEVAL-IHP004V1, STEVAL-IPR002V1, STEVAL-IPE020V1
www.st.com


Similar Part No. - AN2972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
AN2971 STMICROELECTRONICS-AN2971 Datasheet
407Kb / 12P
Using the typical temperature characteristics of 32 KHz crystal
23-Jul-2009
AN2979 STMICROELECTRONICS-AN2979 Datasheet
294Kb / 12P
Implementing a simple ADC using the STM8L101xx comparator
12-Feb-2010
More results

Similar Description - AN2972

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP069-R1A WPI-WPANTDP069-R1A Datasheet
135Kb / 2P
The WPANTDP069-R1A antenna is an L1 band GPS and FM Dual Antenna for automobile applications
WPANTDP070-R1A WPI-WPANTDP070-R1A Datasheet
94Kb / 2P
The WPANTDP070-R1A antenna is an L1 band GPS, GSM and FM Antenna for automobile applications
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
Designing an application with the ST10F27x devices
24-Sep-2013
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
Designing an application with the ST10F27xZx devices
31-Jul-2007
AN3002 STMICROELECTRONICS-AN3002 Datasheet
324Kb / 22P
Description of the M24LRxx-R and M24LRxxE-R dual interface
24-Oct-2012
AN3178 STMICROELECTRONICS-AN3178 Datasheet
310Kb / 11P
Using a surface-mount inductor as an M24LRxx antenna
19-Jul-2010
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
Designing an application board compatible with either
24-May-2011
AN4326 STMICROELECTRONICS-AN4326 Datasheet
517Kb / 17P
Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
25-Jul-2013
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
Designing an NFC Android Application for M24SR and M24LR devices
14-Feb-2014
logo
Laird Tech Smart Techno...
YF450112 LSTD-YF450112 Datasheet
689Kb / 2P
The antenna has an ingress protection rating of IP67
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com