Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2972 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 13Page - STMicroelectronics AN2972 Datasheet HTML 14Page - STMicroelectronics AN2972 Datasheet HTML 15Page - STMicroelectronics AN2972 Datasheet HTML 16Page - STMicroelectronics AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN2972
How to design an antenna on a PCB
Doc ID 15629 Rev 6
17/25
2.5.3
Metal considerations
What does it happen when there is metal near the antenna?
When the antenna of the M24LRxx is close to metal, it changes its own resonance
frequency, as shown in Figure 18.
Figure 18. Effect of metal on the antenna frequency tuning
Due to the modification of the tuning frequency, when an antenna is close to metal, the
frequency tuning of a tag should be modified: tuned at 13.56 MHz in the metal environment.
In other words, when a tag is placed in a metal environment, the tuning frequency of the tag
in the open air must be set to compensate for future shift. The metal environment induces
eddy current, quality factor downgrading, frequency detuning and a modification of the field-
strength distribution.
As a conclusion, when an antenna, which has been tuned in order to operate in the open air,
is to operate near metal, it is necessary to redesign a new antenna which will be precisely
tuned with the global application.
Frequency tuning of an antenna close to metal
MS30739V1
Frequency tuning of an antenna in the open air
Legend
:
F [MHz)]
13.56
S11 log
magnitude [dB]
13.56 + x%
Table 3.
Antenna features
Features
Antenna 1: ANT1-M24LR16E
Antenna 2: ANT1-M24LR16E with 74 pF
in parallel of the antenna
Antenna size
45 mm x 75 mm
45 mm x 75 mm
Frequency tuning in the air
13.7 MHz
7.5 MHz
Frequency tuning stuck on the
metal (1)
25 MHz
14 MHz
Read range in the open air (1)
7.5 cm
0.5 cm
Read range close to metal (1)(2)
No detection
2.5 cm
Status
This antenna is tuned to operate
in the open air
This antenna is tuned to operate close to
metal
1.
The measurement has been done with DEMO-CR95HF-A.
2.
The measurement has been done as per an antenna stuck on the full metal table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com