Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 7Page - STMicroelectronics AN3029 Datasheet HTML 8Page - STMicroelectronics AN3029 Datasheet HTML 9Page - STMicroelectronics AN3029 Datasheet HTML 10Page - STMicroelectronics AN3029 Datasheet HTML 11Page - STMicroelectronics AN3029 Datasheet HTML 12Page - STMicroelectronics AN3029 Datasheet HTML 13Page - STMicroelectronics AN3029 Datasheet HTML 14Page - STMicroelectronics AN3029 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID16139 Rev 5
11/42
AN3029
Clock management
41
Crystal/ceramic resonator
•
Frequency range: 1 to 16 MHz
•
Stabilization time: Programmable from 1 to 4096 cycles
•
Oscillation mode: Preferred fundamental
•
Output duty cycle: Max 55/45%
•
I/Os: Standard I/O pins multiplexed with OSCIN and OSCOUT
•
Cload: 10 to 20 pF
•
Drive level maximum: at least 100 µW
The values of the load capacitors CL1 and CL2 are heavily dependent on the crystal type and
frequency. Refer to the datasheet of the crystal manufacturer to select the capacitances. For
best oscillation stability, CL1 and CL2 normally have the same value. Typical values are in
the range from below 20 pF up to 40 pF (cload: 10 to 20 pF). The parasitic capacitance of
the board layout also needs to be considered and typically adds a few pF to the component
values (refer to AN2867).
A clock security system prevents any CPU fatal error from a HSE failure, as it safely
switches to HSI.
Figure 4. HSE clock sources
Hardware configuration
1. The value of REXT depends on the crystal characteristics. A 0 Ω resistor works well with most oscillators
but, it is not optimal. A typical value is in the range 5 to 6 RS (resonator series resistance). To fine-tune the
REXT value, refer to AN2867 (Oscillator design guide for ST microcontrollers).
MS32524V1
OSCIN
OSCOUT
External source
STM8
(I/O available)
MS32529V1
Load capacitors
STM8
CL2
CL1
Q1
OSCIN
OSCOUT
REXT
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com