Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 34Page - STMicroelectronics AN3029 Datasheet HTML 35Page - STMicroelectronics AN3029 Datasheet HTML 36Page - STMicroelectronics AN3029 Datasheet HTML 37Page - STMicroelectronics AN3029 Datasheet HTML 38Page - STMicroelectronics AN3029 Datasheet HTML 39Page - STMicroelectronics AN3029 Datasheet HTML 40Page - STMicroelectronics AN3029 Datasheet HTML 41Page - STMicroelectronics AN3029 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Revision history
AN3029
40/42
DocID16139 Rev 5
12
Revision history
Table 4. Document revision history
Date
Revision
Changes
09-Sep-2009
1
Initial release
16-Sep-2010
2
Updated all sections and references for medium density, medium+
density and high density devices.
Added STM8L16x devices.
Replaced VDDIO and VSSIO by VDDx and VSSx respectively.
Replaced 48-pin package by “some packages”.
Added IAR C compiler.
Section 2.1: Power supply overview: updated text.
Figure 1: added note 2; removed the + sign on the VLCD cappa.
Crystal/ceramic resonator: added reference to AN2867.
Section 3.2: Analog input: updated text.
Section 4.3.2: LSE clock: re-arranged section.
Section 5.1: Reset management overview: removed bullet
“electromagnetic susceptibility (EMS) reset (present only on STM8S
family).
Figure 7: removed EMS reset; added external reset circuit.
Section 5.2: Hardware reset implementation: added text about the
pull-down capacitor.
Table 2: Component list: updated “comment” information for ID
number 2 (battery); added ID number 5 (ceramic capacitor).
Figure 10: added external reset circuit and note 1.
Section 9.2: Compiler: updated “16 Kbytes” with “32 Kbytes” of
generated code.
Section 9.3: Firmware library: updated text explaining the workspace
and project definition files.
Section 10: Setting up the STM8 development environment:
removed introductory text.
Section 10.2: Using the tools: added EWSTM8.
07-Mar-2011
3
Figure 1: updated figure content and footnotes.
Section 2.1: Power supply overview: updated bullet points.
Section 3.1: Analog power: updated bullet point concerning VREF+.
Section 6.4: Decoupling: updated value of the pool capacitor to 1 µF
(instead of 100 µF).
Figure 10: updated figure content and footnotes.
Section 8: STM8 development tools: updated bullet point 5 regarding
STM8L101-EVAL.
Section 9.1: Integrated development environment: added the low-
cost ST-Link tool in the list of hardware tools supported by STVD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com