Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 12Page - STMicroelectronics AN3029 Datasheet HTML 13Page - STMicroelectronics AN3029 Datasheet HTML 14Page - STMicroelectronics AN3029 Datasheet HTML 15Page - STMicroelectronics AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics AN3029 Datasheet HTML 18Page - STMicroelectronics AN3029 Datasheet HTML 19Page - STMicroelectronics AN3029 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Reset control
AN3029
16/42
DocID16139 Rev 5
5.2
Hardware reset implementation
The STM8L and STM8AL do not require an external reset circuit to power-up correctly. Only
a pull-down capacitor is recommended (see Figure 7). However, charging/discharging the
pull-down capacitor through an internal resistor has a negative influence on the device
power consumption. Therefore, the recommended capacitor value of 100 nF can be
reduced down to 10 nF to limit such power consumption.
The STM8L101xx reset state is released 1 ms after the POR value (1.35 V to 1.65 V) is
reached. At this time, VDD should be in the 1.65 V to 3.6 V range.
For medium density devices and medium+ and high density devices operating from 1.8 V at
power-on: the reset state is released 1 ms after the BOR minimum value (~1.75 V) is
reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com