Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 15Page - STMicroelectronics AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics AN3029 Datasheet HTML 18Page - STMicroelectronics AN3029 Datasheet HTML 19Page - STMicroelectronics AN3029 Datasheet HTML 20Page - STMicroelectronics AN3029 Datasheet HTML 21Page - STMicroelectronics AN3029 Datasheet HTML 22Page - STMicroelectronics AN3029 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID16139 Rev 5
19/42
AN3029
Reference design
41
7
Reference design
7.1
Component references
Table 2. Component list
ID
Component name
Reference
Quantity
Comments
1
Microcontroller
STM8L, STM8AL
1
Refer to the ‘pinouts and pin description’
and ‘package characteristics’ sections of
the
STM8L and STM8AL datasheets, to
choose the right package
2
Battery
1.65 V to 3.6 V(1)
1. 1.8 V to 3.6 V for STM8L05xxx.
1
Min 1.8 V when BOR is enabled
3
Capacitor
1 µF
n
Decoupling capacitor
4
Capacitor
100 nF
n
Ceramic capacitor (decoupling capacitor)
Components below are optional
5
Capacitor
10 µF
1
Ceramic capacitor (decoupling capacitor)
6
Crystal
1 to 16 MHz
1
-
7
Capacitor
20 to 40 pF
2
Used for crystal
Crystal
32 kHz
1
-
8
Capacitor
5 to 20 pF
2
Used for crystal
Ferrite bead
Depends on noise to be filtered
9
SWIM connector
4 pins
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com