Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics AN3029 Datasheet HTML 18Page - STMicroelectronics AN3029 Datasheet HTML 19Page - STMicroelectronics AN3029 Datasheet HTML 20Page - STMicroelectronics AN3029 Datasheet HTML 21Page - STMicroelectronics AN3029 Datasheet HTML 22Page - STMicroelectronics AN3029 Datasheet HTML 23Page - STMicroelectronics AN3029 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Reference design
AN3029
20/42
DocID16139 Rev 5
7.2
Schematics
Figure 10. Reference design
1. If these components are removed, they have to be replaced by a short connection.
2. Optional: if a separate, external reference voltage is connected on VREF+, the two capacitors (100 nF and 1 µF) must be
connected. VREF+ is either connected to VDDA or VREF.
3. One 100 nF Ceramic capacitor for each VDDx pin and one single 1 µF Tantalum or Ceramic capacitor.
VDD1
VDDA
VREF+
VSS1/2 ... N
VLCD
NRST
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
Biggest package
20pF
1-16MHz
0 Ohm
20pF
32.768kHz
6.8pF
6.8pF
1uF
1uF
Only if accurate High Speed
Oscillator is needed
1uF
OR
OR
For noisy
environment
VSS
3.6V-1.8V
(1.65V)
0 Ohm
External reset circuit
To power LCD
specifically
ai18711b
(see note 2)
VDD2
VDD3
VDD4
(see note 3)
VREF
1uF
VDD
VSS
VSS
VDD
VDD
VSS
2.5V<V LCD<3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com