Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 14Page - STMicroelectronics AN3029 Datasheet HTML 15Page - STMicroelectronics AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics AN3029 Datasheet HTML 18Page - STMicroelectronics AN3029 Datasheet HTML 19Page - STMicroelectronics AN3029 Datasheet HTML 20Page - STMicroelectronics AN3029 Datasheet HTML 21Page - STMicroelectronics AN3029 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Recommendations
AN3029
18/42
DocID16139 Rev 5
6.5
Other signals
When designing an application, the following areas should be closely studied to improve
EMC performances:
•
Noisy signals (clock)
•
Sensitive signals (high impedance)
•
Signals for which a temporary disturbance permanently affects operation of the
application, for example, interrupts and handshaking strobe signals (but not LED
commands).
A surrounding VSS trace for such signals increases EMC performances, as does a shorter
length or absence of noisy and sensitive traces (crosstalk effect).
For digital signals, the best possible electrical margin must be reached for the two logical
states. Slow Schmitt triggers are recommended for eliminating parasitic states.
6.6
Unused I/Os and features
Microcontrollers are designed for a variety of applications, where often a particular
application does not use 100 % of the microcontroller resources.
To avoid unnecessary power consumption (especially important for battery powered
applications) and also to improve EMC performance, unused clocks, counters, or I/Os,
should not be left free, I/Os should be forced externally (pull-up or pull-down to the unused
I/O pins), and unused functions should be ‘frozen’ or disabled.
Alternatively, unused I/Os can be programmed as push-pull ‘low’ to keep them at a defined
level without using external components. However in this case, the I/O is not driven during
the power up phase, until the I/O is configured. This can add a little extra power
consumption, and may be undesirable in very power sensitive applications.
6.7
User options
STM8L and STM8AL devices have user option features that can be used for remapping or
enabling/disabling an automatic reset or low speed watchdog. For more details, please refer
to the product datasheets.
6.8
Bootloader
STM8L05xx, STM8L15xxx, STM8L162xx, STM8AL31xx, and STM8AL3Lxx devices have a
bootloader embedded in a ROM memory. Through this firmware the device memory can be
re-programmed via:
•
USART communication interface for medium density devices
•
USART1, USART2, USART3, SPI1, and SPI2 communication interfaces for medium+
and high density devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com