Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3029 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 10Page - STMicroelectronics AN3029 Datasheet HTML 11Page - STMicroelectronics AN3029 Datasheet HTML 12Page - STMicroelectronics AN3029 Datasheet HTML 13Page - STMicroelectronics AN3029 Datasheet HTML 14Page - STMicroelectronics AN3029 Datasheet HTML 15Page - STMicroelectronics AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics AN3029 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Reset control
AN3029
14/42
DocID16139 Rev 5
5
Reset control
5.1
Reset management overview
The reset pin is a 3.3 V bidirectional I/O. After startup it can be programmed by software to
be used as a general purpose I/O.
Its output buffer driving capability is fixed to IolMIN = 2 mA @ 0.45 V in the 1.8 V to 3.6 V
range which includes a ~45 k pull-up. Output buffer is reduced to the n-channel MOSFET
(NMOS). The receiver includes a glitch filter, whereas the output buffer includes a 20 µs
delay.
There are many reset sources, including:
•
External reset through the NRST pin
•
Power-on reset (POR) and brown-out reset (BOR): During power-on, the POR keeps
the device under reset until the supply voltage (VDD and VDDx) reach the voltage level
at which level the BOR starts to function. STM8L101xx devices have only a POR.
•
Independent watchdog reset (IWDG)
•
Window watchdog reset (WWDG), featuring also software reset: only for STM8L05xx,
STM8L15xxx, STM8L162xx, STM8AL31xx, and STM8AL3Lxx.
•
SWIM reset: An external device connected to the SWIM interface can request the
SWIM block to generate a microcontroller reset.
•
Illegal opcode reset: If a code to be executed does not correspond to any opcode or
prebyte value, a reset is generated.
Figure 7 shows a simplified functional I/O reset schematic.
Figure 7. Reset management
RPU
System reset
Filter
100 nF
External
reset circuit
NRST
ai14866d
Illegal op code reset
Swim reset
POR/BOR reset
IWDG/WWDG/software reset
Delay
STM8
VDD_IO
Pulse
generator
(min 20 μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com