Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0843 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 4Page - STMicroelectronics UM0843 Datasheet HTML 5Page - STMicroelectronics UM0843 Datasheet HTML 6Page - STMicroelectronics UM0843 Datasheet HTML 7Page - STMicroelectronics UM0843 Datasheet HTML 8Page - STMicroelectronics UM0843 Datasheet HTML 9Page - STMicroelectronics UM0843 Datasheet HTML 10Page - STMicroelectronics UM0843 Datasheet HTML 11Page - STMicroelectronics UM0843 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Features and block diagram
UM0843
8/48
Doc ID16543 Rev 2
4
Features and block diagram
4.1
Features
●
SPEAr310 embedded MPU
●
Up to 2 Gbits DDR2 333 MHz (std 128 Mbytes)
●
Up to 1.5 Gbytes Parallel NOR Flash (std 16 Mbytes)
●
Up to 16 Mbytes Serial NOR Flash memory (std 64 Mbytes)
●
Up to 2 Gbits NAND Flash memory (std 64 Mbytes)
●
4 Kb Serial I2C EEPROM
●
4 Mb SPI Flash memory
●
Two USB 2.0 full Host port channels
●
One USB 2.0 high speed Device
●
One 10/100 Ethernet port based on MII PHY
●
Four 10/100 Ethernet port based on SMII PHY
●
One E1, 2x BNC/RJ48(2.048 Mbits)
●
Two HDLC RS485 DB9 ports (up to 4 MHz)
●
One HDLC-TDM port (8 Mb, 128 TS)
●
Six Serial ports (up to 115 kbaud)
●
8 ADC channels (10 bit, 1 Msamples)
●
6 GPIOs
●
JTAG debug port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com