Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0843 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 10Page - STMicroelectronics UM0843 Datasheet HTML 11Page - STMicroelectronics UM0843 Datasheet HTML 12Page - STMicroelectronics UM0843 Datasheet HTML 13Page - STMicroelectronics UM0843 Datasheet HTML 14Page - STMicroelectronics UM0843 Datasheet HTML 15Page - STMicroelectronics UM0843 Datasheet HTML 16Page - STMicroelectronics UM0843 Datasheet HTML 17Page - STMicroelectronics UM0843 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Block descriptions
UM0843
14/48
Doc ID16543 Rev 2
By default the external configuration of the SMII-4 Ethernet PHYs is selected as shown in
Table 7.
By default the initial configuration of the MII Ethernet PHYs is selected as shown in Table 8..
JP37
Nway auto-negotiation enable:
Pull-up (default) = Enable auto-negotiation
Pull-down = Disable auto-negotiation
JP38
Speed mode:
Pull-up (default) = 100 Mbps
Pull-down = 10 Mbps
JP39
Duplex mode:
Pull-up (default) = Half duplex
Pull-down = Full duplex
Table 7.
SMII-4 PHY jumper default settings
Jumper
Description
Default configuration
JP43, JP44, JP45
SMII PHY U21 mode configuration:
Default: JP43-open, JP44-fitted, JP45-open:
Set U21 to work as SMII function
JP40, JP41, JP42
SMII PHY U21 address configurations:
Default: JP40-open, JP41-open, JP42-open:
Set SMII-4 PHY address: 0x07
JP46
Isolate mode:
Pull-up = Enable
Pull-down (default) = Disable
JP47
Nway auto-negotiation enable:
Pull-up (default) = Enable auto-negotiation
Pull-down = Disable auto-negotiation
JP48
Speed mode:
Pull-up (default) = 100 Mbps
Pull-down = 10 Mbps
JP49
Duplex mode:
Pull-up (default) = Half duplex
Pull-down = Full duplex
Table 6.
SMII-3 PHY jumper (continued)
Jumper
Description
Default configuration
JP37
JP38
JP39
JP43
JP44
JP45
JP40
JP41
JP42
JP46
JP47
JP48
JP49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com