Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0843 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics UM0843 Datasheet HTML 34Page - STMicroelectronics UM0843 Datasheet HTML 35Page - STMicroelectronics UM0843 Datasheet HTML 36Page - STMicroelectronics UM0843 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
UM0843
Evaluation board bill of materials (BOM)
Doc ID16543 Rev 2
33/48
20
Capacitor/100 nF/10 V/
10%/SC0402/X5R
24
C162, C163, C164,
C165, C166, C167,
C168, C169, C170,
C171, C172, C173,
C174, C175, C176,
C177, C178, C179,
C180, C181, C182,
C183, C184, C185
0.1uF-0603
21
Capacitor/10 uF/25 V/2
0%/NO/NO/STC6032/T
an
4
C223, C227, C242,
C243
10uF-TAJ-R NO
POP
22
LED/GREEN/SLED080
5
15
D1, D21, D22, D23,
D24, D25, D26, D27,
D28, D29, D30, D31,
D32, D33, D34
GREEN
23
LED/RED/SLED0805
14
D5, D6, D7, D8, D9,
D10, D11, D12, D13,
D14, D15, D17, D19,
D20
RED
24
Diode/70V/200 mA/
250 mW/SOT23/RoHS
BAV70
1
D16
BAV70
25
Diode/600/4 A/
200 mW/DPAK/RoHS
TS420-600B
ST
1
D35
SCR TS420-B_1
26
Header/single
row/short/vertical/2.54
mm pin pitch header
1x2
52
JP1, JP2, JP3, JP4,
JP5, JP6, JP10, JP11,
JP12, JP13, JP14,
JP15, JP16, JP17,
JP18, JP19, JP20,
JP21, JP22, JP23,
JP24, JP25, JP26,
JP27, JP28, JP29,
JP30, JP31, JP32,
JP33, JP34, JP35,
JP36, JP37, JP38,
JP39, JP40, JP41,
JP42, JP43, JP44,
JP45, JP46, JP47,
JP48, JP49, JP62,
JP63, JP64, JP65,
JP66, JP67
J-JMPR-2PIN
27
Connector/SMA/Vertica
l/TH
1J1
SMA NO POP
28
Connector/BNC
75 ohm/5-pin/1.29 mm
pitch/RA/TH
5413558-1
Tyco
2
J2, J4
BNC-5PIN
29
RJ45/no LED/1.27 mm
pitch/8-pin/RA/TH
5621-1x1
Hesheng
1
J3
CONN_RJ48
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com