Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0843 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 8Page - STMicroelectronics UM0843 Datasheet HTML 9Page - STMicroelectronics UM0843 Datasheet HTML 10Page - STMicroelectronics UM0843 Datasheet HTML 11Page - STMicroelectronics UM0843 Datasheet HTML 12Page - STMicroelectronics UM0843 Datasheet HTML 13Page - STMicroelectronics UM0843 Datasheet HTML 14Page - STMicroelectronics UM0843 Datasheet HTML 15Page - STMicroelectronics UM0843 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Block descriptions
UM0843
12/48
Doc ID16543 Rev 2
By default the external configuration of the SMII-1 Ethernet PHYs is selected as shown in
Table 4.
By default the external configuration of the SMII-2 Ethernet PHYs is selected as shown in
Table 5.
Table 3.
SMII addresses of the SMII Ethernet PHYs
Component
MII address
U18
0x01
U19
0x03
U20
0x05
U21
0x07
Table 4.
SMII-1 PHY jumpers
Jumper
Description
Default configuration
JP13, JP14, JP15
SMII PHY U18 mode configuration:
Default: JP13-open, JP14-fitted, JP15-open:
Set U18 to work as SMII function
JP10, JP11, JP12
SMII PHY U18 address configurations:
Default: JP10-open, JP11-open, JP12-open:
Set SMII-1 PHY address: 0x01
JP16
Isolate mode:
Pull-up = Enable
Pull-down (default) = Disable
JP17
Nway auto-negotiation enable:
Pull-up (default) = Enable auto-negotiation
Pull-down = Disable auto-negotiation
JP18
Speed mode:
Pull-up (default) = 100 Mbps
Pull-down = 10 Mbps
JP19
Duplex mode:
Pull-up (default) = Half duplex
Pull-down = Full duplex
JP10
JP11
JP12
JP10
JP11
JP12
JP16
JP17
JP18
JP19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com