Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0843 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 36Page - STMicroelectronics UM0843 Datasheet HTML 37Page - STMicroelectronics UM0843 Datasheet HTML 38Page - STMicroelectronics UM0843 Datasheet HTML 39Page - STMicroelectronics UM0843 Datasheet HTML 40Page - STMicroelectronics UM0843 Datasheet HTML 41Page - STMicroelectronics UM0843 Datasheet HTML 42Page - STMicroelectronics UM0843 Datasheet HTML 43Page - STMicroelectronics UM0843 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Evaluation board bill of materials (BOM)
UM0843
40/48
Doc ID16543 Rev 2
98
LDO/15 Vmax/2.5 V/1
A/2%/SOT223
LD1117AS25
TR
ST
1
U15
LD1117A
99
Transceiver/RS-
485/SO8
ST485CDR
ST
2
U16, U60
ST485C
100
Oscillator 8.192 MHz
1
U17
OSC 8.192MHz
101
Transceiver/100Base-
TX PHY/TQFP48
KSZ8041TL
Micrel
4
U18, U19, U20, U21
KSZ8041TL/KSZ80
41FTL
102
SPEAr310 LFBGA289
SPEAr310
ST
1
U22
SPEAr310
103
DDR2/1 Gbit/BGA84
MT47H64M16
HR3
Micron
1
U23
MT47H64M16HR
104
Transceiver/100Base-
TX PHY/TQFP64
STE100P
ST
1
U24
STE100P_0
105
Connector/RJ45
HR911105A
Hanrun
1
U25
HR911105A
106
Flash/64 Mbit/8 bit/SPI/
3.3 V/
M25P64-
VMF6PT
ST
1
U26
M25P64
107
Battery
holder/3 V/220 mAh/
battery-holder-cr2032
CR2032-2-1
Keyu
1
U27
BATT BR2032
108
EEPROM/4 Kbit/8 bit/
I2C
M24C04-
WMN6TP
ST
1
U28
M24C04
109
Flash/4 Mbit/8 bit/SPI/
3.3 V
M25P40-
VMN6T
ST
1
U29
M25P40
110
Power MOSFET
ST2052BDR
ST
1
U31
ST2052
Transceiver/RS-
232/SO16
ST3232CDR
ST
3
U32, U33, U34
ST3232CDC
112
Oscillator 2.048 MHz/
1
U35
OSC 2.048MHz
113
CPLD/10 ns/72 user
IOs/TQFP100/
XC9572XL-
10TQ100C
Xilinx
1
U38
XC9572XL
114
Inverter/1.65 5.5 V
74LVC1G14G
W
NXP
2
U40, U41
74LVC1G14
115
Overvoltage protection
STBP120BVD
K6F
ST
1
U61
ST STBP120C
116
3-pin power jack
diameter 2.1 mm
1
VB1
PWS-JACK
117
Crystal/25 MHz
/NO/1HC49
1Y1
25MHZ
118
Crystal/32.768 kHz/
1
Y2
32.768KHZ
119
Crystal/24MHz/NO/HC
49
1Y3
24MHZ
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com