Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4325 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 2Page - STMicroelectronics AN4325 Datasheet HTML 3Page - STMicroelectronics AN4325 Datasheet HTML 4Page - STMicroelectronics AN4325 Datasheet HTML 5Page - STMicroelectronics AN4325 Datasheet HTML 6Page - STMicroelectronics AN4325 Datasheet HTML 7Page - STMicroelectronics AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Power supplies and reset sources of the STM32F030 family
AN4325
6/27
DocID024966 Rev 1
1
Power supplies and reset sources of the STM32F030
family
1.1
Power supply schemes
The STM32F030 family features different products with various supply schemes. It includes
an internal regulator in order to have an internal 1.8 V supply for the core and digital logic.
There is a variety of power supply schemes:
VDD from 2.4 V to 3.6 V: external power supply for I/Os and the internal 1.8 V domain.
Provided externally through VDD pins.
VDDA from VDD to 3.6 V: external analog power supply for ADC, Reset blocks, HSI,
HSI14, LSI and PLL.
The VDDA voltage level must always be greater than or equal to the VDD voltage level
and must be provided first.
Figure 1. Power supply scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com