Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4325 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics AN4325 Datasheet HTML 12Page - STMicroelectronics AN4325 Datasheet HTML 13Page - STMicroelectronics AN4325 Datasheet HTML 14Page - STMicroelectronics AN4325 Datasheet HTML 15Page - STMicroelectronics AN4325 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Clocks
AN4325
12/27
DocID024966 Rev 1
2
Clocks
Different clock sources can be used to drive the system clock (SYSCLK):
HSI 8 MHz RC oscillator clock (high-speed internal clock signal)
HSE oscillator clock (high-speed external clock signal)
PLL clock
The devices have other secondary clock sources:
40 kHz low-speed internal RC (LSI RC) that drives the independent watchdog and,
optionally, the RTC used for auto-wakeup from the Stop/Standby modes.
32.768 kHz low-speed external crystal (LSE crystal) that optionally drives the RTC
HSI 14MHz RC oscillator (HSI14) dedicated for ADC
Each clock source can be switched on or off independently when it is not used, to optimize
the power consumption. Refer to RM0360 reference manual for a description of the clock
tree.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com