Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4325 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 15Page - STMicroelectronics AN4325 Datasheet HTML 16Page - STMicroelectronics AN4325 Datasheet HTML 17Page - STMicroelectronics AN4325 Datasheet HTML 18Page - STMicroelectronics AN4325 Datasheet HTML 19Page - STMicroelectronics AN4325 Datasheet HTML 20Page - STMicroelectronics AN4325 Datasheet HTML 21Page - STMicroelectronics AN4325 Datasheet HTML 22Page - STMicroelectronics AN4325 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID024966 Rev 1
19/27
AN4325
Debug management
26
4.3.2
SWD pin assignment
After reset (SYSRESETn or PORESETn), the pins used for the SWD are assigned as
dedicated pins which are immediately usable by the debugger host.
However, the MCU offers the possibility to disable the SWD, therefore releasing the
associated pins for general-purpose I/O (GPIO) usage. For more details on how to disable
SWD port, refer to the RM0360 section on I/O pin alternate function multiplexer and
mapping.
4.3.3
Internal pull-up and pull-down on SWD pins
Once the SWD I/O is released by the user software, the GPIO controller takes control of
these pins. The reset states of the GPIO control registers put the I/Os in the equivalent
states:
SWDIO: alternate function pull-up
SWCLK: alternate function pull-down
Having embedded pull-up and pull-down resistors removes the need to add external
resistors.
4.3.4
SWD port connection with standard SWD connector
Figure 7 shows the connection between the STM32F030 and a standard SWD connector.
Figure 7. SWD port connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com