Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4325 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 4Page - STMicroelectronics AN4325 Datasheet HTML 5Page - STMicroelectronics AN4325 Datasheet HTML 6Page - STMicroelectronics AN4325 Datasheet HTML 7Page - STMicroelectronics AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics AN4325 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Power supplies and reset sources of the STM32F030 family
AN4325
8/27
DocID024966 Rev 1
1.1.2
Voltage regulator
The voltage regulator is always enabled after reset.
It works under two different modes:
Main (MR) is used in normal operating mode (Run),
Low power (LPR) can be used in Stop mode where the power demand is reduced.
In standby mode the regulator is in power-down mode. In this mode, the regulator output is
in high impedance and the kernel circuitry is powered down, inducing zero consumption and
the loss of the register and SRAM contents. However, the following features are available if
configured:
Independent watchdog (IWDG): the IWDG is started by writing to its Key register or by
a hardware option. Once started it cannot be stopped except by a reset.
Real-time clock (RTC): configured by the RTCEN bit in the RTC domain control register
(RCC_BDCR).
Internal low speed oscillator (LSI): configured by the LSION bit in the Control/status
register (RCC_CSR).
External 32.768 kHz oscillator (LSE): configured by the LSEON bit in the RTC domain
control register (RCC_BDCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com