Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 2Page - STMicroelectronics UM1653 Datasheet HTML 3Page - STMicroelectronics UM1653 Datasheet HTML 4Page - STMicroelectronics UM1653 Datasheet HTML 5Page - STMicroelectronics UM1653 Datasheet HTML 6Page - STMicroelectronics UM1653 Datasheet HTML 7Page - STMicroelectronics UM1653 Datasheet HTML 8Page - STMicroelectronics UM1653 Datasheet HTML 9Page - STMicroelectronics UM1653 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
STM32 NAND driver blocks
UM1653
6/45
DocID025024 Rev 1
1
STM32 NAND driver blocks
This document describes how to connect a NAND Flash device to an STM32 family
microcontroller and communicate using FSMC. NAND driver library for STM32 is a generic
library where STM32 can access NAND with some advanced features like garbage
collection, wear leveling, bad block management, ECC checking etc. The library supports
both FAT file system and USB MSC device.
Figure 1. Application architecture
1.1
STM32 USB peripheral
The STM32F embeds a USB peripheral that supports USB full-speed and high speed.
The development of Endpoint and support suspend / resume are configured by software.
The USB device provides a connection between the host and the function implemented by
the microcontroller.
Data transfer between the host and the memory system is through a dedicated packet buffer
memory accessed directly from the USB device. The size of buffer memory is dependent on
the number of endpoints used and the maximum packet size. This dedicated memory is 512
bytes.
LLD: Low level driver
ECC: Error correction code
BBM: Bad block management
MS33215V1
STM32 Lib
Flash translation layer
Hardware Adaption Layer
NAND Flash Device
FTL Interface
Garbage collection
Wear Leveling
LLD
ECC
BBM
File System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com