Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 15Page - STMicroelectronics UM1653 Datasheet HTML 16Page - STMicroelectronics UM1653 Datasheet HTML 17Page - STMicroelectronics UM1653 Datasheet HTML 18Page - STMicroelectronics UM1653 Datasheet HTML 19Page - STMicroelectronics UM1653 Datasheet HTML 20Page - STMicroelectronics UM1653 Datasheet HTML 21Page - STMicroelectronics UM1653 Datasheet HTML 22Page - STMicroelectronics UM1653 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
DocID025024 Rev 1
19/45
UM1653
NAND driver firmware modules
44
2.7
NAND driver files
2.7.1
nand_drv.c, nand_drv.h functions
Table 4. NAND_Init
Function name
NAND_Init.
Prototype
uint16_t NAND_Init(void)
Behavior description
Initializes NAND Interface
Input parameter
None
Output parameter
Status of NAND Initialization. This parameter can be:
– NAND_OK: when the NAND is OK.
– NAND_FAIL: when NAND fails to initialize.
Table 5. NAND_Write
Function name
NAND_Write.
Prototype
uint16_t NAND_Write(uint32_t Memory_Offset,
uint8_t *Writebuff,
uint16_t Transfer_Length)
Behavior description
Writes one sector at once
Input parameter
Memory_Offset: Memory Offset.
Writebuff: Pointer to the data to be written.
Transfer_Length: Number of byte to write.
Output parameter
Status of NAND Write. This parameter can be:
– NAND_OK: when the NAND Write is successful
– NAND_FAIL: when NAND fails to Write.
Table 6. NAND_Read
Function name
NAND_Read.
Prototype
uint16_t NAND_Read(uint32_t Memory_Offset,
uint8_t *Readbuff,
uint16_t Transfer_Length)
Behavior description
Reads sectors.
Input parameter
Memory_Offset: Memory Offset.
Readbuff: Pointer to store the read data.
Transfer_Length: Number of byte to read.
Output parameter
Status of NAND Read. This parameter can be:
– NAND_OK: when the NAND Read is successful.
– NAND_FAIL: when NAND fails to Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com