Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 13Page - STMicroelectronics UM1653 Datasheet HTML 14Page - STMicroelectronics UM1653 Datasheet HTML 15Page - STMicroelectronics UM1653 Datasheet HTML 16Page - STMicroelectronics UM1653 Datasheet HTML 17Page - STMicroelectronics UM1653 Datasheet HTML 18Page - STMicroelectronics UM1653 Datasheet HTML 19Page - STMicroelectronics UM1653 Datasheet HTML 20Page - STMicroelectronics UM1653 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
DocID025024 Rev 1
17/45
UM1653
NAND driver firmware modules
44
2.4
Bad block management
Bad blocks contain one or more invalid bits whose reliability is not guaranteed. They may be
present when the device is shipped, or may develop during the lifetime of the device.
Figure 8. Flow chart for bad block management
2.5
Look up table (LUT)
The LUT is used to find the Application Block Number corresponding to the Logical address
(SCSI_LBA). All blocks are scanned and User data is read from the Spare area of each
block of NAND Flash to build the LUT.
2.6
File system
The free file system used in the NAND library is FAT_FS_ELM from ChaN. The NAND file
system interface module “ff_user_interface.c” allows interfacing of file systems with the
NAND driver. In standalone mode it displays the .bmp images stored in the “pics” folder of
NAND Flash. This module should be ported to the selected file system.
Block address = Block 0
Start
Block
=FFh?
Yes
No
End
Update bad block table
Increment block address
MS33222V1
Last
block?
Yes
No
status
Table 3. File system interface functions
Function
Description
disk_initialize
Initialize disk drive.
disk_read
Interface function for a logical page read.
disk_write
Interface function for a logical page write.
disk_status
Interface function for testing if unit is ready.
disk_ioctl
Control device-dependent features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com