Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1653 Datasheet HTML 1Page - STMicroelectronics UM1653 Datasheet HTML 2Page - STMicroelectronics UM1653 Datasheet HTML 3Page - STMicroelectronics UM1653 Datasheet HTML 4Page - STMicroelectronics UM1653 Datasheet HTML 5Page - STMicroelectronics UM1653 Datasheet HTML 6Page - STMicroelectronics UM1653 Datasheet HTML 7Page - STMicroelectronics UM1653 Datasheet HTML 8Page - STMicroelectronics UM1653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
November 2013
DocID025024 Rev 1
1/45
UM1653
User manual
STM32 Advanced NAND Flash Driver for SLC NAND
Introduction
The NAND driver library for STM32 is a generic library from which STM32 can access
NAND with advanced features like garbage collection, wear leveling, bad block
management, ECC checking etc.
The NAND Flash driver supports dynamic NAND Flash detection based on the Device ID.
The driver automatically detects the mounted SLC NAND Flash and works accordingly
(described in more detail in Section 2.8). This solution runs on the STM32F1, STM32F2 &
STM32F4 series of microcontrollers using the FSMC interface.
The board can run in two modes: USB Mass Storage mode and Standalone mode.
In USB Mass Storage mode, the NAND Flash works as USB mass storage media.
In Standalone mode, the .bmp images stored in the ‘pics’ folder of the root directory are
read using FatFS file system, and displayed on the onboard TFT LCD.
Six evaluation boards are available for this SLC NAND FLASH Driver:
 STEVAL_CCM006V1: USB mass storage mode demo using STM32F103ZET6
 STEVAL_CCM006V2: Standalone mode demo using STM32F103ZET6
 STEVAL_CCM007V1: USB Mass Storage mode Demo using STM32F205ZET6
 STEVAL_CCM007V2: Standalone mode Demo using STM32F205ZET6
 STEVAL_CCM008V1: USB Mass Storage mode Demo using STM32F405ZGT6
 STEVAL_CCM008V2: Standalone mode Demo using STM32F405ZGT6
NAND is a non-volatile Flash memory device where address lines are multiplexed with data
input/output and commands input. The NAND driver library has the following features:
1.
Supports both FAT file system and USB MSC device.
2.
Supports SLC NAND with page size of 512 Bytes & 2 KBytes.
3.
Garbage collection.
4.
Wear leveling.
5.
Bad block management.
6.
ECC check.
This document applies to the following microcontrollers:
STM32L151xD, STM32L152xD, STM32L1562xD.
STM32F405/415, STM32F407/417, STM32F427/437, STM32F429/439 lines.
STM32F2 Series.
STM32F103xC, STM32F103xD and STM32F103xE, STM32F103xF, STM32F103xG,
STM32F101xC, STM32F101xD and STM32F101xE, STM32F101xF, STM32F101xG,
STM32F100xC, STM32F100xD, STM32F100xE.
www.st.com


Similar Part No. - UM1653

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM16530 UNIONSEMI-UM16530 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16533 UNIONSEMI-UM16533 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16533 UNIONSEMI-UM16533 Datasheet
236Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16535 UNIONSEMI-UM16535 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1653

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
USB Controller for NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
2Gb NAND FLASH
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
Spansion짰 SLC NAND Flash Memory for Embedded
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
NAND Flash Memory(SLC Middle Capacity)
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
NAND Flash
logo
STMicroelectronics
STEVAL-CCM006V1 STMICROELECTRONICS-STEVAL-CCM006V1 Datasheet
721Kb / 7P
STM32-based NAND Flash driver evaluation board (without TFT)
11-Nov-2013
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
logo
Toshiba Semiconductor
TC58NVG0S3HTA00 TOSHIBA-TC58NVG0S3HTA00 Datasheet
868Kb / 2P
SLC NAND & BENAND Reliability and Performance
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com