Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 16Page - STMicroelectronics UM1653 Datasheet HTML 17Page - STMicroelectronics UM1653 Datasheet HTML 18Page - STMicroelectronics UM1653 Datasheet HTML 19Page - STMicroelectronics UM1653 Datasheet HTML 20Page - STMicroelectronics UM1653 Datasheet HTML 21Page - STMicroelectronics UM1653 Datasheet HTML 22Page - STMicroelectronics UM1653 Datasheet HTML 23Page - STMicroelectronics UM1653 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
NAND driver firmware modules
UM1653
20/45
DocID025024 Rev 1
.
Table 7. NAND_WriteECC
Function name
NAND_WriteECC.
Prototype
uint16_t NAND_WriteECC(uint32_t Memory_Offset,
uint8_t *Writebuff,
uint16_t NumByte)
Behavior description
Writes one sector & copy rest Block during ECC Correctable Error Case.
Input parameter
Memory_Offset: Memory Offset.
Writebuff: Pointer to the data to be written.
Transfer_Length: Number of byte to write.
Output parameter
Status of NAND Write. This parameter can be:
– NAND_OK: when the NAND Write is successful
– NAND_FAIL: when NAND fails to Write
Table 8. NAND_PostWriteECC
Function name
NAND_PostWriteECC.
Prototype
uint16_t NAND_PostWriteECC(void)
Behavior description
Copies whole block after writing corrected page in ECC Correction.
Input parameter
None
Output parameter
Status of NAND Write.
Table 9. NAND_CleanLUT
Function name
NAND_CleanLUT.
Prototype
uint16_t NAND_CleanLUT (uint8_t ZoneNum)
Behavior description
Rebuilds the Look Up Table.
Input parameter
ZoneNbr: Zone Number to Rebuild the Look Up Table.
Output parameter
Status of NAND Build look up table. This parameter can be:
– NAND_OK: when the NAND Clean is successful.
– NAND_FAIL: when NAND fails to clean look up table.
Table 10. NAND_WearLeveling
Function name
NAND_WearLeveling.
Prototype
uint16_t NAND_WearLeveling (uint8_t ZoneNumber)
Behavior description
Builds the Look Up Table According to the Wear Count.
Input parameter
ZoneNumber: Zone Number.
Output parameter
Status of NAND wear Leveling. This parameter can be:
– NAND_OK: when the NAND wear leveling is successful.
– NAND_FAIL: when NAND fails to wear leveling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com