Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1653 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 23Page - STMicroelectronics UM1653 Datasheet HTML 24Page - STMicroelectronics UM1653 Datasheet HTML 25Page - STMicroelectronics UM1653 Datasheet HTML 26Page - STMicroelectronics UM1653 Datasheet HTML 27Page - STMicroelectronics UM1653 Datasheet HTML 28Page - STMicroelectronics UM1653 Datasheet HTML 29Page - STMicroelectronics UM1653 Datasheet HTML 30Page - STMicroelectronics UM1653 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DocID025024 Rev 1
27/45
UM1653
NAND driver firmware modules
44
Table 34. ReadPage
Function name
ReadPage.
Prototype
void NAND_ReadPage (NAND_ADDRESS Address,
uint8_t *buff,
uint16_t len)
Behavior description
Reads a page considering Error correction code(1 bit per 512 Byte).
Input parameter
Address: The address of the page to read.
*buff: The buffer to read from.
len: The number of page to read.
Output parameter
None
Table 35. SBLK_NAND_ReadPage
Function name
SBLK_NAND_ReadPage.
Prototype
void SBLK_NAND_ReadPage (NAND_ADDRESS Address,
uint8_t *buff,
uint16_t len)
Behavior description
Reads a page considering Error correction code (1 bit per 512 Byte) in
Small Block NAND.
Input parameter
Address: The address of the page to read.
*buff: The buffer to read from.
len: The number of page to read.
Output parameter
None
Table 36. LBLK_NAND_ReadPage
Function name
LBLK_NAND_ReadPage.
Prototype
void LBLK_NAND_ReadPage (NAND_ADDRESS Address,
uint8_t *buff,
uint16_t len)
Behavior description
Reads a page considering Error correction code (1 bit per 512 Byte) in
Large Block NAND.
Input parameter
Address: The address of the page to read.
*buff: The buffer to read from.
len: The number of page to read.
Output parameter
None
Table 37. BitCount
Function name
BitCount.
Prototype
uint8_t BitCount(uint32_t num)
Behavior description
Counts the number of 1's in 32 bit Number.
Input parameter
num: The number in which number of 1's to be counted.
Output parameter
The number of one in 32 bit number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com