Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4630 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 4Page - STMicroelectronics AN4630 Datasheet HTML 5Page - STMicroelectronics AN4630 Datasheet HTML 6Page - STMicroelectronics AN4630 Datasheet HTML 7Page - STMicroelectronics AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics AN4630 Datasheet HTML 10Page - STMicroelectronics AN4630 Datasheet HTML 11Page - STMicroelectronics AN4630 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Reference schematics
AN4630
Figure 6: CSP34 package, integrated balun, DC-DC converter ON
Table 1: BlueNRG application board external componenents description
Components
Description
C1, C6, C12
Decoupling capacitors for battery voltage
C2, C3
DC-DC converter filtering capacitors
C4, C5
Decoupling capacitor for on-chip 1.2 V voltage
regulator
C19, C20
Decoupling capacitor for on-chip 1.2 V voltage
regulator
C9, C10, C11, C14, C15, C16,
C21
RF discrete balun filter/matching capacitors
C7, C8
XTAL1 capacitors
C17, C18
XTAL2 capacitors
L1
DC-DC converter inductor
L2, L3, L4
RF discrete balun filter/matching inductors
L5
XTAL1 filtering inductor
L6
XTAL2 filtering inductor
R1
IRQ pull-down resistor
XTAL1
Low-frequency crystal
XTAL2
High-frequency crystal
U1
High-frequency crystal BlueNRG QFN/CSP device
U2
Micro controller
GAMSEC2014129-1112
C6
C7
C19
U3
BALF-NRG-01D3
U2
Application MCU
XTAL1
L1
C20
C3
C8
XTAL2
L5
L6
R1
C2
C5
C17
C12
C1
C4
C18
U1
BlueNRG_WLCSP
1.7 V to 3.6V Power Supply
B1
1
B2
2
A2
3
A1
4
SPI_MOSI
SPI_CLK
SPI_IRQ
SPI_CS
SPI_MISO
SPI_MOSI
E2
SPI_CLK
E1
SPI_IRQ
D2
TEST1
D1
VBAT3
C1
TEST2
C2
TEST3
B1
TEST4
B2
VBAT1
D5
SXTAL0
E5
SXTAL1
E6
RF0
D6
RF1
C6
GND
C3
FXTAL0
B6
FXTAL1
A6
8/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com