Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4630 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 13Page - STMicroelectronics AN4630 Datasheet HTML 14Page - STMicroelectronics AN4630 Datasheet HTML 15Page - STMicroelectronics AN4630 Datasheet HTML 16Page - STMicroelectronics AN4630 Datasheet HTML 17Page - STMicroelectronics AN4630 Datasheet HTML 18Page - STMicroelectronics AN4630 Datasheet HTML 19Page - STMicroelectronics AN4630 Datasheet HTML 20Page - STMicroelectronics AN4630 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN4630
Design recommendations when using QFN32
package
Figure 12: Vias on the exposed pad of the QFN32 package
The ground of the two external crystals has to be isolated from the ground of the RF part of
the board. This is because the RF ground is “dirty” and this signal can disturb the correct
functionality of the two crystals. Also to reduce the coupling effects some cunning have to
be taken: In the high-frequency crystal the load capacitor of the FXTAL0, pin 18, has to be
connected to ground in series with an inductor (see Figure 13: "High-frequency crystal
inductor"); In the low-frequency crystal the ground part of two load capacitors have to be
connected together and, after, connected to the ground by an inductor. The two tracks that
connect the low-frequency crystal to the SXTAL0 and SXTAL1, pins 23 and 22, have to be
put in a layer different from the TOP.
DocID027262 Rev 1
17/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com