Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4630 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4630 Datasheet HTML 1Page - STMicroelectronics AN4630 Datasheet HTML 2Page - STMicroelectronics AN4630 Datasheet HTML 3Page - STMicroelectronics AN4630 Datasheet HTML 4Page - STMicroelectronics AN4630 Datasheet HTML 5Page - STMicroelectronics AN4630 Datasheet HTML 6Page - STMicroelectronics AN4630 Datasheet HTML 7Page - STMicroelectronics AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AN4630
PCB design guidelines for the BlueNRG and BlueNRG-MS
devices
Introduction
The BlueNRG and BlueNRG-MS are very low power Bluetooth low energy (BLE) single-mode network
processor devices which can act as master or slave. Both devices embed a 2.4 GHz RF transceiver, a
Cortex M0 microcontroller, and a by-passable DC-DC step-down converter to achieve optimum power
consumption.
The BlueNRG/MS devices are housed in two different packages:
•
QFN 32 pins
•
WLCSP 34 balls
ST provides all necessary source files (reference designs) for those customers who want to speed-up
their developing.
This application note is intended to accompany the reference designs and provides detailed information
regarding the design decisions employed within STMicroelectronics designs. In addition, it details the
design guidelines for developing a generic radio frequency application using a BlueNRG and BlueNRG-
MS devices. As the layout guidelines are exactly the same for both devices, from now on we use
BlueNRG to refer to the two different devices.
The RF performance and the critical maximum peak voltage, spurious and harmonic emission, receiver
matching strongly depend on the PCB layout as well as the selection of the matching network
components.
For optimal performance, STMicroelectronics recommends the use of the PCB layout design hints
described in the following sections. Also, last but not least, STMicroelectronics strongly suggest using
the BOM defined in the reference design, BOM that guarantees, with a good PCB design, the correct
RF performance.
For further information, visit the STMicroelectronics web site at www.st.com.
February 2015
DocID027262 Rev 1
1/33
www.st.com


Similar Part No. - AN4630

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN463 MOTOROLA-AN463 Datasheet
111Kb / 8P
60HC05K0 Infra-red Remote Control
logo
STMicroelectronics
AN4631 STMICROELECTRONICS-AN4631 Datasheet
582Kb / 30P
How to calibrate an STM32L0xx internal RC oscillator
28-Apr-2015
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
22-Apr-2015
AN4638 STMICROELECTRONICS-AN4638 Datasheet
730Kb / 23P
The two-switch forward converter
17-Feb-2015
More results

Similar Description - AN4630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
PCB design guidelines for the STM32W108 platform
16-Mar-2011
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
AN4486 STMICROELECTRONICS-AN4486 Datasheet
969Kb / 29P
This application note describes the BlueNRG and BlueNRG-MS over-the-air
22-Apr-2015
AN4491 STMICROELECTRONICS-AN4491 Datasheet
219Kb / 18P
BlueNRG updater
29-May-2014
AN4494 STMICROELECTRONICS-AN4494 Datasheet
839Kb / 34P
Bringing up the BlueNRG and BlueNRG-MS devices
11-Mar-2015
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
BlueNRG profile application interface
04-Dec-2014
UM1868 STMICROELECTRONICS-UM1868 Datasheet
394Kb / 19P
BlueNRG and BlueNRG-MS information register
05-Mar-2015
UM1870 STMICROELECTRONICS-UM1870 Datasheet
2Mb / 58P
BlueNRG-MS development kits
14-May-2015
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com