Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4630 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 7Page - STMicroelectronics AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics AN4630 Datasheet HTML 10Page - STMicroelectronics AN4630 Datasheet HTML 11Page - STMicroelectronics AN4630 Datasheet HTML 12Page - STMicroelectronics AN4630 Datasheet HTML 13Page - STMicroelectronics AN4630 Datasheet HTML 14Page - STMicroelectronics AN4630 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN4630
Components dimensioning
For RF decoupling purposes select a capacitor value such that for the frequency to be
decoupled is close to or just above the series resonant frequency (SRF) of the capacitor. At
SRF the parasitic impedance resonates with the device capacitance to form a series tuned
circuit and the impedance presented by the capacitor is the effective series resistance
(ESR).
For DC blocking or coupling applications at RF, typically a capacitor with low insertion loss
and a good quality factor is required. Since a capacitor’s quality factor is inversely
proportional to its ESR, select a capacitor with a low ESR and ensure that the SRF of the
capacitor is greater than the frequency of operation. If the working frequency is above the
SRF of the capacitor, it appears inductive.
All the capacitors of the BlueNRG application board used for the matching network and for
the crystals have to be COG.
2.2
Inductors
An inductor is a passive electrical component used to store energy in its magnetic field.
Any conductor has inductance. An inductor is typically made of wire or other conductor
wound into a coil, to increase the magnetic field.
Inductors differ from each other for construction techniques and materials used to
manufacture. A lot of different types of inductors exist (air core inductor, ferromagnetic core
inductor, and variable inductor), but this document will focus on the inductors useful for RF
only. Usually in RF the air core inductors are used. The term air core describes an inductor
that does not use a magnetic core made of ferromagnetic material, but coil wound on
plastic, ceramic, or another nonmagnetic form. They are lower inductance than
ferromagnetic core coils but are used at high frequencies because they are free from
energy losses called core losses.
Usually, the real circuit of an inductor is composed of a series resistance and a parallel
capacitor. The parallel capacitor is considered to be the inter-winding capacitance that
exists the turns of the inductor. If the inductor is placed over a ground plane then, this
capacitance also includes the capacitance that exists between the inductor and the ground
plane. The series resistor can be considered as the resistance of the inductor winding.
In term of circuit performance, as already mentioned for the capacitors, the self-resonant
frequency and the quality factor are the main inductor parameters, especially for the circuit
where the losses need to be minimized. At the self-resonant frequency, the inductor
impedance is at maximum. For frequency above the self-resonance the inductor behavior
change and it appears capacitive.
In general wire wound inductors have a higher quality factor than a multilayer equivalent.
They also reflect and radiate more energy that can give rise to higher emission levels,
especially in term of self-coupling. Inductive coupling can give rise to undesired circuit
operation: to minimize coupling mount the inductors in sensitive circuit areas at 90 degrees
to one another.
In the BlueNRG application board two different inductor types are used:
1.
DC-DC converter coil: the nominal value is 10 uH for the BlueNRG and 4.7 uH for the
BlueNRG-MS. The DCR has to be less than 1 ohm; the rated current has to be higher
than 100 mA.
2.
RF matching and filtering coil: in this case the best solutions are the high Q coils, but
a good compromise between application cost versus RF performances is to choose an
inductor with a medium Q.
DocID027262 Rev 1
11/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com