| Electronic Components Datasheet Search |
|
AN4630 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4630 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 33 page ![]() AN4630 Design recommendations when using WLCSP34 package The high-frequency crystal has to be put as far as possible from the matching network. The tracks that connect the crystal pins to the BlueNRG FXTAL0 and FXTAL1 pins have to be routed as far as possible from the matching network, and also have to be kept as far as possible one from each other. The INNER2 layer has to be used to connect the crystal pins to the BlueNRG FXTAL0 and FXTAL1 pins. The INNER2 layer has to be keeping empty under the crystal. All these recommendations are shown in Figure 26: "High-frequency crystal connection". Figure 26: High-frequency crystal connection The low-frequency crystal has to be put as far as possible from the matching network. The tracks that connect the crystal pins to the BlueNRG SXTAL0 and SXTAL1 pins have to be routed as far as possible from the matching network, and also have to be kept as far as possible one from each other. The INNER2 layer has to be used to connect the crystal pins to the BlueNRG FXTAL0 and FXTAL1 pins. The INNER2 layer has to be keeping empty under the crystal. All these recommendations are shown in Figure 27: "Low-frequency crystal connection". DocID027262 Rev 1 29/33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |