Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 2Page - STMicroelectronics AN4660 Datasheet HTML 3Page - STMicroelectronics AN4660 Datasheet HTML 4Page - STMicroelectronics AN4660 Datasheet HTML 5Page - STMicroelectronics AN4660 Datasheet HTML 6Page - STMicroelectronics AN4660 Datasheet HTML 7Page - STMicroelectronics AN4660 Datasheet HTML 8Page - STMicroelectronics AN4660 Datasheet HTML 9Page - STMicroelectronics AN4660 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Hardware migration
AN4660
6/27
DocID027558 Rev 2
1.2
Boot mode compatibility
The STM32F42xxx/F43xxx boot space is based on boot mode selection pins: BOOT0 and
BOOT1 while STM32F74xxx/F75xxx is based on BOOT0 and boot address option bytes as
described in Table 3.
For STM32F74xxx/F75xxx, the boot base address supports any address in the range from
0x0000 0000 to 0x2004 FFFF.
Table 3. Boot mode selection comparison between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
STM32F74xxx/F75xxx
Boot mode selection
Boot space
BOOT
Boot address
Option Bytes
0
BOOT_ADD0
[15:0]
Boot address defined by user option byte BOOT_ADD0[15:0]
- ST programmed value: Flash on ITCM at 0x0020 0000
1
BOOT_ADD1
[15:0]
Boot address defined by user option byte BOOT_ADD1[15:0]
- ST programmed value: system bootloader at 0x0010 0000
STM32F42xxx/F43xxx
Boot mode
selection Pins
Boot Mode
Aliasing
BOOT1 BOOT0
x0
Main Flash
memory
Main Flash memory is selected as the boot space at 0x0800 0000
01
System
memory
System memory is selected as the boot space at 0x1FFF 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com