Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 15Page - STMicroelectronics AN4660 Datasheet HTML 16Page - STMicroelectronics AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics AN4660 Datasheet HTML 21Page - STMicroelectronics AN4660 Datasheet HTML 22Page - STMicroelectronics AN4660 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID027558 Rev 2
19/27
AN4660
Peripheral migration
26
2.11
U(S)ART
The U(S)ART is not SW compatible with STM32F42xxx/F43xxx and includes new additional
features detailed in Table 16.
Table 16. U(S)ART differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
U(S)ART
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
UART/USART
4/4
Baud rate
– Up to 4x11.25 Mbit/s
– Up to 13.5 Mbit/s
– (clock frequency is 100 MHz and
oversampling is by 8)
Clock
– Single clock domain
– Dual clock domain:
Convenient baud rate programming
independent from the PCLK
reprogramming
Data
– Word length: Programmable (8 or 9
bits)
– Word length: Programmable (7, 8 or 9
bits)
– Programmable data order with MSB-
first or LSB-first shifting
interrupt
– 10 interrupt sources with flags
– 14 interrupt sources with flags
Features
– LIN mode
– SPI Master
– IrDA SIR ENDEC block
– Hardware flow control (CTS/RTS)
– Continuous communication using DMA
– Multiprocessor communication
– Single-wire half-duplex communication
Smartcard mode T = 0 and T= 1 has to
be implemented by software.
Number of stop bits: 0.5, 1, 1.5, 2
Support the T=0 and T=1 asynchronous
protocols.
Number of stop bits: 1, 1.5, 2 smartcard
operation.
NA
– Support for ModBus communication
- Timeout feature
- CR/LF character recognition
– Receiver timeout interrupt
– Auto baud rate detection
– Driver Enable
– Swappable Tx/Rx pin configuration
U(S)ART
registers
– Software not compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com